Part Number Hot Search : 
R5F213 IHW40N MIW1046 NTD48 71001 NTD48 HER3007 SNR09
Product Description
Full Text Search
 

To Download NTE1312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1312 Integrated Circuit
Vertical OSC, Amp
Description: The NTE1312 is a silicon monolithic integrated circuit in a 14-Lead DIP type package designed for use in TV vertical oscillator, sync circuits. It includes a vertical oscillator, vertical trigger and comparator amplifier. Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Vertical Sync Input Voltage, V(Sync) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3Vp-p Operating Temperature, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -50C to +125C Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.58W Electrical Characteristics: (TA = +25C, VCC = 12V unless otherwise specified) Characteristics Circuit Current Vertical Free Run Frequency Vertical Free Run Frequency (Upper Limit) Vertical Free Run Frequency (Lower Limit) Vertical Pull-in-Frequency Vertical Output Amplitude Vertical Output Bias Supply Voltage Characteristics (V-Oscillator) Symbol ID f1 f2 f3 f4 VO1 VO2 f1 Difference Between Frequency of VCC = 8V & 16V Conditions Min 9.25 56.0 70.0 46.5 - 2.95 2.90 Typ 12.5 58.5 74.0 49.0 49.0 3.05 3.00 0.7 Max 15.25 61.0 78.5 51.5 51.5 3.20 3.15 1.5 Unit mA Hz Hz Hz Hz Vp-p V Hz
Block Diagram
Time Constant 4 3
VCC 5
GND 6
Frequency Terminal
11
Vertical OSC
Comparator Amp
10
Vertical OSC Output
V Sync
12
Vertical Trigger 9 Negative Feedback Input
Pin Connection Diagram
N.C. N.C. Time Constant Time Constant VCC GND N.C.
1 2 3 4 5 6 7
14 N.C. 13 N.C. 12 Vertical Sync Input 11 Vertical OSC Input 10 Vertical OSC Output 9 8 Negative Feedback Input N.C.
14
8
1
7
.785 (19.95) Max
.300 (7.62)
.200 (5.08) Max
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE1312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X